Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download CD471290A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD42__90A CD47__90A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
TM
OUTLINE DRAWING
A C F G H T 2 3 B 1 45 76
Description:
Powerex SCR/Diode Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. TM POW-R-BLOK has been tested and recognized by the Underwriters Laboratories. CD42__90A, CD47__90A Dual SCR/Diode Isolated TM POW-R-BLOK Module 90 Amperes / Up to 1600 Volts
J K "S" FASTON TAB
"U" THREAD L R
D
M
LABEL N
P
Q
4
5 2
Features: Features:
T T T T Electrically Isolated Heatsinking DBC Alumina (Al2O3) Insulator Copper Baseplate Low Thermal Impedance for Improved Current Capability T UL Recognized (E78240)
~ ~
1
1
CD42
+
CD47
7 6
3
3
+
CONNECTION DIAGRAM
2
Benefits: Ordering Information:
T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time
CD42, CD47 Outline Dimensions
Dimension A B C D F G H J K L M N P Q R S T U Inches 3.62 0.83 3.15 1.18 0.59 0.79 0.79 0.16 0.23 0.61 1.14 0.25 0.94 1.18 0.71 0.11 x .03 0.25 M5 Millimeters 92 21 80 30 15 20 20 4 5.8 15.5 29 6.3 24 30 18 2.8 x 0.8 6.3 M5
Select the complete nine digit module part number from the table below. Example: CD421690A is a 1600Volt, 90 Ampere Dual SCR/Diode Isolated TM POW-R-BLOK Module
Applications:
Type
CD42 CD47
Voltage Volts (x100)
08 12 16
Current Amperes (x 1)
90
T T T T T T T T
Bridge Circuits AC & DC Motor Drives Battery Supplies Power Supplies Large IGBT Circuit Front Ends Lighting Control Heat & Temperature Control Welders
Note: Dimensions are for reference only.
Revision Date: 01/26/2002
CD42__90A CD47__90A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
TM
Absolute Maximum Ratings
Characteristics Repetitive Peak Forward and Reverse Blocking Voltage Non-Repetitive Peak Reverse Blocking Voltage (t < 5 msec) RMS Forward Current Average Forward Current Peak One Cycle Surge Current, Non-Repetitive 180 Conduction, TC=87C 180 Conduction, TC=87C (AC Switch) 180 Conduction, TC=87C 60 Hz, 100% VRRM reapplied, Tj=125C 60 Hz, No VRRM reapplied, Tj=125C 60 Hz, No VRRM reapplied, Tj=25C 50 Hz, 100% VRRM reapplied, Tj=125C 50 Hz, No VRRM reapplied, Tj=125C 50 Hz, No VRRM reapplied, Tj=25C Peak Three Cycle Surge Current, Non-Repetitive 60 Hz, 100% VRRM reapplied, Tj=125C 50 Hz, 100% VRRM reapplied, Tj=125C Peak Ten Cycle Surge Current, Non-Repetitive I t for Fusing for One Cycle, 8.3 milliseconds
2
Conditions
Symbol VDRM & VRRM VRSM IT(RMS) IT(RMS) IT(AV) ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM It It It It It It di/dt
2 2 2 2 2 2
Units up to 1600 VRRM + 100 140 200 90 1570 1870 2100 1500 1785 2000 1210 1155 960 940 10,270 14,520 18,300 11,250 15,910 20,000 150
2 2 2 2 2 2
V V A A A A A A A A A A A A A A sec A sec A sec A sec A sec A sec A/s
60 Hz, 100% VRRM reapplied, Tj=125C 50 Hz, 100% VRRM reapplied, Tj=125C 8.3 ms, 100% VRRM reapplied, Tj=125C 8.3 ms, No VRRM reapplied, Tj=125C 8.3 ms, No VRRM reapplied, Tj=25C 10 ms, 100% VRRM reapplied, Tj=125C 10 ms, No VRRM reapplied, Tj=125C 10 ms, No VRRM reapplied, Tj=25C
Maximum Rate-of-Rise of On-State Current, (Non-Repetitive) Peak Gate Power Dissipation Average Gate Power Dissipation Peak Forward Gate Current Peak Reverse Gate Voltage Operating Temperature Storage Temperature Max. Mounting Torque, M5 Mounting Screw on Terminals Max. Mounting Torque, Module to Heatsink Module Weight, Typical V Isolation @ 25C Circuit to base, all terminals shorted together
Tj=25C, IG=0.5 A, VD=0.67 VDRM (Rated), ITM=300A , Tr < 0.5s, tp > 6s Tp < 5 ms, Tj = 125C F = 50 Hz, Tj = 125C Tp < 5 ms, Tj = 125C Tp < 5 ms, Tj = 125C
PGM PG(AV) IGFM VGRM TJ Tstg
12 3 3 10 -40 to +125 -40 to +125 25 3 44 5 110 3.88
W W A V C C in.-Lb. Nm in.-Lb. Nm g oz. V V
50 - 60 Hz, 1 minute 50 - 60 Hz, 1 second
Vrms Vrms
2500 3500
Revision Date: 01/26/2002
CD42__90A CD47__90A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
TM
Electrical Characteristics, TJ=25C unless otherwise specified
Characteristics Repetitive Peak Forward Leakage Current Repetitive Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Threshold Voltage, High-level Slope Resistance, High-level VTM Coefficients, Full Range Symbol IDRM IRRM V TM / VFM V(TO)1 rT1 V(TO)2 rT2 Test Conditions Up to 1600V, TJ=125C Up to 1600V, TJ=125C ITM / IFM =300A TJ = 125C, I = 16.7% x IT(AV) to IT(AV) TJ = 125C, I = IT(AV) to ITSM TJ = 125C, I = 15% x IT(AV) to ITSM VTM = A+ B Ln I +C I + D Sqrt I Minimum dV/dt Turn-Off Time (Typical) dV/dt t off Linear to 2/3 VDRM Tj=125C, Gate Open Circuit TJ = 25C, IT = 2A Vr = 50V, -dI/dt=10 A/s Re-Applied dV/dt = 200 V/s, Linear to 900 V Tj= -40C, VD=6V, Resistive Load Tj= 25C, VD=6V, Resistive Load Tj=125C, VD=6V, Resistive Load Tj= -40C, VD=6V, Resistive Load Tj= 25C, VD=6V, Resistive Load Tj=125C, VD=6V, Resistive Load Tj=125C, VD=VDRM Tj=125C, VD=VDRM VD=6V, Resistive Load, Gate Open VD=6V, Resistive Load A= B= C= D= 500 40 - 100 (Typical) Min. Max. 15 15 1.58 0.80 2.40 0.85 2.25 0.7160 2.17E-02 2.20E-03 1.58E-03 V/s s Units mA mA V V m V m
Gate Trigger Current
IGT
270 150 80 4.0 2.5 1.7 0.25 6 200 400
mA mA mA Volts Volts Volts Volts mA mA mA
Gate Trigger Voltage
VGT
Non-Triggering Gate Voltage Non-Triggering Gate Current Holding Current Latching Current
VGDM IGDM IH IL
Thermal Characteristics
Characteristics Thermal Resistance, Junction to Case DC Operation Thermal Impedance Coefficients Symbol RJ-C ZJ-C Per Module, both conducting Per Junction, both conducting ZJ-C= K1 (1-exp(-t/1)) + K2 (1-exp(-t/2)) + K3 (1-exp(-t/3)) Thermal Resistance, Case to Sink Lubricated RC-S + K4 (1-exp(-t/4)) Per Module K1 = 6.48 E-3 K2 = 6.02 E-2 K3 = 1.64 E-1 K4 = 3.94 E-2 Max. 0.135 0.270 1 = 5.80 E-4 2 = 1.70 E-2 3 = 9.54 E-2 4 = 3.53 E-1 0.1 C/W Units C/W C/W
Revision Date: 01/26/2002
CD42__90A CD47__90A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
TM
Maximum On-State Forward Voltage Drop
( Tj = 125 C )
4 3.5
Maximum Transient Thermal Impedance
(Junction to Case)
0.30
On-State Voltage - Vtm / Vfm - Volts
0.25
3 2.5 2 1.5 1 0.5 0 10 100 1000
Thermal Impedance - Rjc - C/W
0.20
0.15
0.10
0.05
0.00 0.001 0.01 0.1 1 10 100
Instantaneous On-State Current - Itm / Ifm - Amperes
Time - t - Seconds
Maximum On-State Power Dissipation
(Sinusoidal Waveform) 140 130 180 120 110 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 Average On-State Current - It/If(av) - Amperes
0 180 360
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
125 120
Max. Power Dissipation Per Junction - Watts
90 60 30 15
Max. Case Temperature - Tcase -C
120
115 110 105 100 95 90 85 0 10 20 30 40 50 60 70 80 90
0 180 360
CONDUCTION ANGLE
15 30 60
CONDUCTION ANGLE
90 120 180 100
Average On-State Current - It/If(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform) 180 170 160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30
Maximum Allowable Case Temperature
(Rectangular Waveform)
125
270 360
Max. Power Dissipation Per Junction - Watts
120
Max. Case Temperature - Tcase -C
180 120 90 60 30
115 110 105 100 95 90 85 80 75 30 60 90
0
CONDUCTION ANGLE
180
360
0
CONDUCTION ANGLE
180
360
120
180 270 360
40
50
60
70
80
90
100
110
120
130
140
150
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Average On-State Current - It/If(av) - Amperes
Average On-State Current - It/If(av) - Amperes
Revision Date: 01/26/2002


▲Up To Search▲   

 
Price & Availability of CD471290A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X